Part Number Hot Search : 
MA310 PI3B3244 160CA IDT74A TOR113 64LE602 D75308 SA12040
Product Description
Full Text Search
 

To Download IN1489AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN1489A
Qudruple Line Receivers
The IN1489A is a monolithic quadruple line receivers designed to satisfy the requirements of the standard interface between data terminal equipment and data communication equipments as defined by EIA standard RS-232C. A separate response control terminal is provided for each receiver. A resistor or a resistor and bias voltage can be connected between this terminal and ground to shift the input threshold voltage levels. An external capacitor can be connected from this terminal to ground to provide input noise filtering. * Input Resistance ... 3 k to 7k * Input Signal Range ... 30 V * Operates from Single 5 V Supply * Built-IN Input Hysteresis (Double Thresholds) * Response Control Provides: Input Tresold Shifting Input Noise Filtering * Satisfies Requirements of EIA RS-232C
ORDERING INFORMATION IN1489AN Plastic IN1489AD SOIC TA = -10 to 70 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs A L H Output Y H L
PIN 14 =VCC PIN 7 = GND
1
IN1489A
MAXIMUM RATINGS*
Symbol VCC VIN IO Tstg
*
Parameter Supply Voltage Input Voltage Output Current Storage Temperature Range
Value 6 25 10 -65 to +150
Unit V V mA C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIH VIL IOL TA Supply Voltage High Level Input Voltage Low Level Input Voltage Low Level Output Current Ambient Temperature Range -10 -25 10 +70 Parameter Min Max 5.5 25 Unit V V V mA C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit Symbol VT+ VTVOH VOL IIH IIL IOS ICC Parameter Positive-Going Tthreshold Input Voltage Negaitive-Going Tthreshold Voltage High-Level Output Voltage High-Level Output Voltage High Level Input Current Low Level Input Current Short Circuit Output Current Supply Current VI=5 V, Outputs open VI= 0.75 V, IOL = -0.5 mA Input open, IOH=-0.5 mA VI= 3 V, IOL = 10 mA VI=25 V VI=3 V VI=-25 V VI=-3 V 3.6 0.43 -3.6 -0.43 -4.0 26 mA mA -8.3 mA Test Conditions Min 1.75 0.75 2.6 2.6 0.45 8.3 V mA Max 2.25 1.25 Unit V V V
2
IN1489A
AC ELECTRICAL CHARACTERISTICS (T = 25C, VCC = 5.0 V, CL = 15 pF,
tr=tf=5 ns) Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Time, Low-to-High Level Output (Figure 1) Propagation Delay Time, High-to-Low Level Output (Figure 1) Transition Time, Low-to-High Level Output (Figure 1) Transition Time, High-to-Low Level Output (Figure 1) Test Conditions RL=3.9 k RL=390 k RL=3.9 k RL=390 k Min Max 85 50 300 24 Unit ns ns ns ns
Figure 1. Switching Waveforms
NOTES A. CL includes probe and jig capacitance. B. All diodes are 1N916 or 1N3064/ Figure 2. Test Circuit
3


▲Up To Search▲   

 
Price & Availability of IN1489AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X